Part Number Hot Search : 
SA5532A 302X25 1E101 MM74C1 6129S 167BZXI M5240 P80N0
Product Description
Full Text Search
 

To Download 856450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number 856450 836.5/881.5 mhz saw duplexer subject to change or obsolescence without notice rev a 11/08 triquint semiconductor, inc. ? page 1 of 6 features for cdma, wcdma 850 and amps applications usable bandwidth 25 mhz (each band) high tx-rx isolation low insertion loss high attenuation single-ended operation no matching required for operation at 50 w ceramic surface mount package (smp) hermetic package pin configuration surface mount 3.80 x 3.80 x 1.47 mm bottom view 12 10 11 9 4 5 6 7 8 1 3 2 pin no. description 5 rx 8 antenna 11 tx 1,2,3,4,6 case ground 7,9,10,12 case ground 1.60 0.60 3.80 0.45 0.80 1.47 nom. 1.65 max. 3.80 0.15x45 chamfer 0.90 0.86 dimensions shown are nominal in millimeters all tolerances are 0.15mm except overall length and width 0.10mm body: al 2 o 3 ceramic lid: kovar , ni plated terminations: au plating 0.5 - 1.0 m m, over a 2 - 6 m m ni plating
data sheet part number 856450 836.5/881.5 mhz saw duplexer subject to change or obsolescence without notice rev a 11/08 triquint semiconductor, inc. ? page 2 of 6 electrical specifications (1) operating temperature: (2) +25 o c parameter (3) minimum typical maximum unit tx-ant specification center frequency - 836.5 - mhz maximum insertion loss (4) 824 - 849 mhz - 1.9 2.3 db amplitude ripple 824 - 849 mhz - 0.5 0.7 db absolute attenuation 10 - 750 mhz 869 - 894 mhz 1050 - 1100 mhz 1250 - 1325 mhz 24 45 20 15 30 47 28 23 - - - - db db db db second harmonic attenuation 1648 - 1698 mhz 12 14 - db third harmonic attenuation 2472 - 2547 mhz 11 14 - db return loss at tx terminal (4) 824 - 849 mhz 10 12 - db ant-rx specification center frequency - 881.5 - mhz maximum insertion loss (4) 869 - 894 mhz - 2.3 3.0 db amplitude ripple 869 - 894 mhz 869 - 894 mhz (over any 5 mhz span) - - 0.6 0.4 1.2 0.8 db db absolute attenuation 10 - 779 mhz 779 - 804 mhz 824 - 849 mhz 1039 - 1065 mhz 1100 - 1270 mhz 1648 - 1698 mhz 2472 - 2547 mhz 3000 - 6000 mhz 25 34 52 30 36 35 20 7 32 40 56 40 45 42 35 10 - - - - - - - - db db db db db db db db return loss at rx terminal (4) 869 - 894 mhz 10 12 - db tx-rx specification tx to rx isolation 824 - 849 mhz 869 - 894 mhz 55 45 60 48 - - db db notes : 1. all specifications are based on the test circuit shown on page 5 2. this specification is valid for room temperature only. the specification over the full temperature range(s) is available on the next page(s) 3. electrical margin has been built into the design to account for the variations due to manufacturing tolerances 4. excluding losses due to pcb
data sheet part number 856450 836.5/881.5 mhz saw duplexer subject to change or obsolescence without notice rev a 11/08 triquint semiconductor, inc. ? page 3 of 6 electrical specifications (1) operating temperature range: (2) -30 to +85 o c parameter (3) minimum typical maximum unit tx-ant specification center frequency - 836.5 - mhz maximum insertion loss (4) 824 - 849 mhz - 1.9 2.5 db amplitude ripple 824 - 849 mhz - 0.6 1 db absolute attenuation 10 - 750 mhz 869 - 894 mhz 1050 - 1100 mhz 1250 - 1325 mhz 24 44 20 14 30 47 28 23 - - - - db db db db second harmonic attenuation 1648 - 1698 mhz 12 14 - db third harmonic attenuation 2472 - 2547 mhz 11 14 - db return loss at tx terminal (4) 824 - 849 mhz 10 12 - db ant-rx specification center frequency - 881.5 - mhz maximum insertion loss (4) 869 - 894 mhz - 2.6 3.2 db amplitude ripple 869 - 894 mhz 869 - 894 mhz (over any 5 mhz span) - - 0.9 0.4 1.4 0.8 db db absolute attenuation 10 - 779 mhz 779 - 804 mhz 824 - 849 mhz 1039 - 1065 mhz 1100 - 1270 mhz 1648 - 1698 mhz 2472 - 2547 mhz 3000 - 6000 mhz 25 34 50 30 36 35 20 7 32 40 56 40 45 42 35 10 - - - - - - - - db db db db db db db db return loss at rx terminal (4) 869 - 894 mhz 9 12 - db tx-rx specification tx to rx isolation 824 - 849 mhz 869 - 894 mhz 54 44 59 47 - - db db notes : 1. all specifications are based on the test circuit shown on page 5 2. in production, devices will be tested at room te mperature to a guardbanded specification to ensure electrical compliance over temperature 3. electrical margin has been built into the design to account for the variations due to temperature d rift and manufacturing tolerances 4. excluding losses due to pcb
data sheet part number 856450 836.5/881.5 mhz saw duplexer subject to change or obsolescence without notice rev a 11/08 triquint semiconductor, inc. ? page 4 of 6 typical performance
data sheet part number 856450 836.5/881.5 mhz saw duplexer subject to change or obsolescence without notice rev a 11/08 triquint semiconductor, inc. ? page 5 of 6 test circuits 50 w single-ended 1,2,3,4,6 7,9,10,12 8 11 5 ant 50 w ww w w ww w 50 50 w ww w tx circuit 50 w single-ended 1,2,3,4,6 7,9,10,12 8 11 5 ant 50 w ww w w ww w 50 50 w ww w rx circuit marking pcb footprint id dot sawtek logo date code jjjym 2 code marking 1.11 4.01 0.65 0.14 0.80 1.60 0.15x45 chamfer the date code consists of: jjj = julian day, y = last digit of year, m = manufacturing site code this footprint represents a recommendation only dimensions shown are nominal in millimeters tape and reel ?1.5 2.0 0.3 8.0 4.0 4.1 4.1 1.8 1.75 5.5 12.0 ?1.5 a a section a-a ?330 direction of travel 2.0 ?13.0 ?20.2 2.7 12.8 ?102 sawtek logo id dot dimensions shown are nominal in millimeters packaging quantity: 4000 units/reel
data sheet part number 856450 836.5/881.5 mhz saw duplexer subject to change or obsolescence without notice rev a 11/08 triquint semiconductor, inc. ? page 6 of 6 maximum ratings parameter symbol minimum maximum unit operating temperature range t -25 +80 o c storage temperature range t stg -40 +85 o c important notes warnings electrostatic sensitive device (esd) avoid ultrasonic exposure rohs compliance this product complies with eu directive 2002/95/ec (rohs) solderability compatible with jesd22-b102, pb-free process, 260c peak reflow temperature ( see soldering profile ) links to additional technical information pcb layout tips qualification flowchart soldering profile s-parameters rohs information other technical information triquints liability is limited only to the surface acoustic wave (saw) component(s) described in this data sheet. sawtek does not accept any liability for applications, processes, circuits or assemblies whi ch are implemented using any sawtek component descr ibed in this data sheet. contact information po box 609501 orlando, fl 32860-9501 usa phone: +1 (407) 886-8860 fax: +1 (407) 886-7061 email: info-product@tqs.com web: www.triquint.com or contact one of our worldwide network of sales offices, representatives or distributors pb


▲Up To Search▲   

 
Price & Availability of 856450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X